PART |
Description |
Maker |
ADCMP608BKSZ-RL ADCMP608 ADCMP60807 ADCMP608BKSZ-R |
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
|
AD[Analog Devices]
|
AD8469 |
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
|
Analog Devices
|
ADA4691-2 ADA4691-4 |
Low Power, Wideband, Low Noise, Rail-to-Rail Output, Dual Op Amp Low Power, 3.6 MH<span style="text-transform: lowercase">z</span>, Low Noise, Rail-to-Rail Output, Quad Op Amp
|
Analog Devices
|
AD8469 AD8469WBRMZ AD8469WBRMZ-RL |
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
|
Analog Devices
|
TLC2254AMFK TLC2254QD TLC2254QDR TLC2254ID TLC2254 |
Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS <font color=red>[Old version datasheet]</font> Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
|
http:// TI store
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
AD8667 |
16V, 250 A LOW POWER, LOW NOISE DUAL PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
|
Analog Devices
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MC33202DR2 MC33202D MC33204DR2 MC33202VP MC33204DT |
Low Voltage, Rail-to-Rail, Dual Operational Amplifier Low Voltage, Rail-to-Rail, Quad Operational Amplifier Rail-to-Rail Operational Amplifiers
|
ONSEMI[ON Semiconductor]
|
LMV321 LMV321RILT LMV358IPT LMV321ILT LMV321IYLT L |
Low cost low power input/output rail-to-rail operational amplifiers
|
STMICROELECTRONICS[STMicroelectronics]
|